Part Number Hot Search : 
TP3600 UF1003F 17317 CO55C 1587AT33 SMBJ100 CTZ30A MIW2126
Product Description
Full Text Search
 

To Download SW-393-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
Features
* * * * * Terminated RF Output High Isolation: 42 dB up to 2.0 GHz Single Positive Control CMOS Compatible Logic SOIC-8 Plastic Package
SW-393 V4
Functional Schematic
Description
M/A-COM's SW-393 is a GaAs monolithic SPST terminated switch in a low cost SOIC 8-lead plastic package. The SW-393 is ideally suited for use where low power consumption and high isolation are required. Typical applications include PCS and GSM LO Switching, switch matrices and switched filter banks in systems such as radio and cellular equipment. The SW-393 is fabricated using a mature 1-micron gate length GaAs MESFET process. The process features full chip passivation for increased performance and reliability.
Pin Configuration 4
Pin No.
1 2 3 4
Ordering Information 1
Part Number
SW-393-PIN SW-393TR SW-393SMB
Function
GND RF1 GND GND
Pin No.
5 6 7 8
Function
GND CTL RF2 GND
Package
Bulk Packaging 1000 piece reel Sample Board
4. Blocking capacitors are required on all RF ports. VS can be applied at RF1 or RF2 using 10K or greater pull-up resistors.
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power Operating Voltage (VS, VCTL) Operating Temperature Storage Temperature
Truth Table 5,6,7
Control
0 1 5. 6. 7. "0" = 0 0.2 VDC "1" = +5 0.2 VDC Vs = +5 0.2 VDC
Absolute Maximum
+34 dBm +8.5 Volts -40C to +85C -65C to +150C
RF1 - RF2
Off On
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
Electrical Specifications8: TA = 25C
Parameter
Insertion Loss Isolation VSWR
SW-393 V4
Test Conditions
0.5 - 2.0 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 0.5 - 1.5 GHz 0.5 - 2.0 GHz Input Power, +5 V Control/Supply 0.5 GHz 0.9 GHz 1.5 GHz 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, Control to 10% RF In-Band 2-Tone, 5 MHz spacing, +10 dBm each 0.5 GHz 0.9 GHz 2-Tone, 5 MHz spacing, +10 dBm each 0.5 GHz 0.9 GHz
Units
dB dB dB Ratio Ratio dBm dBm dBm s s mV dBm dBm dBm dBm
Min.
-- 50 40 -- -- -- -- -- -- -- -- -- -- -- --
Typ.
1.6 53 42 1.5:1 1.7:1 25 25 26 2 2 26 53 58 39 38
Max.
1.8 -- -- -- -- -- -- -- -- -- -- -- -- -- --
1 dB Compression
Trise, Tfall Ton, Toff Transients Input IP2
Input IP3 8.
All measurements taken at 900 MHz in a 50 system unless otherwise specified. Loss varies at 0.003 dB/C.
SOIC-8
Meets JEDEC moisture sensitivity level 1 requirements.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
Typical Performance Curves
Insertion Loss vs. Frequency
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40C +85C +25C
SW-393 V4
VSWR vs. Frequency
3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.5 1.0 1.5 2.0 2.5 3.0 Output Insertion Loss Output Isolation Input
Frequency (GHz)
Isolation vs. Frequency
60 50 40 30 20 10 0 0.5 1.0 1.5 2.0 2.5 3.0 -40C +85C +25C
Frequency (GHz)
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of SW-393-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X